br235 miniature 25 amps ? 3pdt to mil - prf - 83536 specifications general contact arrangement .......................... 3pdt (3 form c) weight ................................ .......................... 3.0 oz approx. designed to meet the requirements of mil - prf - 83536 performance contact rating (note 1): resistive ................................ ... 25 amps @ 2 8 vdc or 115/208v 400 hz (case grounded) inductive ........................ 15 amps @ 115/208v 400 hz 12 amps @ 28 vdc (case grounded) motor ................................ ......... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) lamp ................................ .......... 5 amps @ 28 vdc or 115/208v 400 hz (case grounded) life ....................... 50, 000 operations minimum @ rated resistive load, 125 o c pull in power ................................ ............ 500 mw approx. operate/release time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ................................ ....... 1 ms max @ rated contact load , 28 vdc contact voltage drop : before life ............................. 150 mv max @ 25 amps and 6 vdc after life ................................ 175 mv max @ 25 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................ ... 1,250 vrms contact to coil ................................ ..... 1,250 vrms coil to case ................................ ......... 1,000 vrms across open contacts ........................ 1,250 vrms 80 ,000 feet: all points ................................ ................. 350 vrms notes: 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz. 2. for applications requiring higher shock and vibration, consult the factory. 1493 0 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4
------------------------------------------------------------- relay type ------------------------------------------ nominal coil resistance ---------- --------------------- terminal style ----------------------- mounting type ------------ nominal coil voltage br235 - 290 c 2 - 28v br235 coil data: model br235 part number br235 - 20()() - 6v br235 - 78()() - 12v br235 - 290()() - 28v br235 - 890()() - 48v br235ac - ()() - 115v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc 115 vac maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc 122 vac pull in voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc 90 vac drop o ut voltage (max) 1.8 vdc 3.5 vdc 5.1 vdc 11 vdc 5 - 30 vac coil resistance 10% @ 25 o c 20 ohms 78 ohms 290 ohms 890 ohms i = 0.04 amps schematic terminal view terminal styles mounting codes general notes ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, termin als styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4
|